|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IDCP-2218 Vishay Dale High Current, Surface Mount Inductor FEATURES * High energy storage. * Low resistance. * Tape and reel packaging for automatic handling. * 100 % Lead (Pb)-free and RoHS compliant. RoHS COMPLIANT ELECTRICAL SPECIFICATIONS Inductance Range: 10H to 220H. Inductance Tolerance: 20%. Operating Temperature: - 25C to + 105C. Storage Temperature: - 40C to 125C. Resistance to Solder Heat: 260C for 10 seconds. MATERIALS Core: Ferrite. Wire: Enamelled copper wire. Terminal: Ni + Sn/Ag/Cu. DIMENSIONS in inches [millimeters] STANDARD ELECTRICAL SPECIFICATIONS INDUCTANCE (H) 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 TEST FREQUENCY L 2.52MHz 2.52MHz 2.52MHz 2.52MHz 2.52MHz 2.52MHz 2.52MHz 2.52MHz 2.52MHz 2.52MHz 2.52MHz 2.52MHz 1KHz 1KHz 1KHz 1KHz 1KHz DCR MAXIMUM (Ohms) 0.10 0.12 0.14 0.15 0.18 0.20 0.23 0.32 0.37 0.42 0.46 0.60 0.70 0.93 1.10 1.38 1.57 RATED DC CURRENT* (A) 1.44 1.40 1.30 1.23 1.11 0.97 0.88 0.80 0.72 0.68 0.61 0.58 0.52 0.48 0.40 0.38 0.35 B A C D E F E TYPICAL PAD LAYOUT *Rated Current: Value obtained when current flows and the temperature has risen 40C or when DC current flows and the initial value of inductance has fallen by 10%, whichever is smaller. A 0.229 0.01 [5.8 0.3] D 0.217 [5.5] B 0.177 0.01 [4.5 0.35] E 0.085 [2.15] C 0.205 0.01 [5.2 0.3] F 0.067 [1.7] DESCRIPTION IDCP-2218 MODEL 10H INDUCTANCE VALUE 20% INDUCTANCE TOLERANCE ER PACKAGE CODE e1 JEDEC LEAD FREE STANDARD GLOBAL PART NUMBER I D C P 2 2 SIZE 1 8 E R 1 0 0 M INDUCTANCE TOLERANCE MODEL PACKAGE CODE INDUCTANCE VALUE www.vishay.com 38 For technical questions, contact Magnetics@vishay.com Document Number 34096 Revision 09-Jun-05 Legal Disclaimer Notice Vishay Notice Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale. Document Number: 91000 Revision: 08-Apr-05 www.vishay.com 1 |
Price & Availability of IDCP2218ER100M |